Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download SS1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss12 thru SS1200 surface mount schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 1.0 ampere maximum ratings and electrical characteristics note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.p.c.b. mounted with 0.2x0.2 ? (5.0x5.0mm) copper pad areas ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. volts volts volts symbols units amp amps volts v rrm v rms v dc i (av) i fsm v f 1.0 30.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t l (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 r q ja c j t j , t stg 88.0 90 pf c ma typical thermal resistance (note 2) c/w storage temperature range c -50 to +150 -50 to +125 -50 to +150 10.0 5.0 0.55 0.85 case : jedec do-214ac molded plastic body terminals : leads solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.002 ounce, 0.07 grams the plastic package carries underwriters laboratory flammability classification 94v-0 for surface mounted applications metal silicon junction,majority carrier conduction low power loss,high efficiency built-in strain relief,ideal for automated placement high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds at terminals features mechanical data ss12 ss13 ss15 ss14 ss16 ss110 ss18 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 110 dimensions in inches and (millimeters) do-214ac/sma 0.177(4.50) 0.157(3.99) 0.110(2.80) 0.100(2.54) 0.060(1.52) 0.030(0.76) 0.222(5.66) 0.194(4.93) 0.012(0.305) 0.006(0.152) 0.008(0.203)max. 0.096(2.42) 0.078(1.98) 0.45 0.067 (1.70) 0.051 (1.30) SS1200 200 140 200 ss1150 150 105 150 0.95 0.2 2.0 mdd electronic mdd catalog number
ratings and characteristic curves ss12 thru SS1200 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 30 24 18 12 6 0 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes junction capacitance, pf peak forward surge current, amperes 1 10 100 8.3ms single half sine-wave (jedec method) 2 20 200 400 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=75 c tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes transient thermal impedance, c/w ambient temperature, c ss12-ss16 ss18-SS1200 single phase half wave 60hz resistive or inductive load fig. 3-typical instantaneous forward characteristics instantaneous forward current,amperes instantaneous forward voltage, volts t j =25 c ss12-ss14 ss15-SS1200 50 10.0 1 0.1 0.01 ss12-ss14 ss15-ss16 ss18-ss1150 t j =25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 SS1200 mdd electronic


▲Up To Search▲   

 
Price & Availability of SS1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X